PART |
Description |
Maker |
R1RW0408DGE-2PR R1RW0408D R1RW0408DGE-2LR |
4M High Speed SRAM (512-kword x 8-bit) Memory>Fast SRAM>Asynchronous SRAM
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
HM628511HCJP-12 HM628511HCLJP-12 |
Memory>Fast SRAM>Asynchronous SRAM
|
Renesas
|
GS73024B-15I GS73024B GS73024B-10 GS73024B-10I GS7 |
3Mb28K x 24Bit)Asynchronous SRAM(3M位(128K x 24位)异步静态RAM) 128K X 24 3MB ASYNCHRONOUS SRAM 128KX 24 3MB的异步SRAM 128K X 24 3MB ASYNCHRONOUS SRAM 128K的X 24 3MB的异步SRAM
|
List of Unclassifed Manufacturers ETC[ETC] GSI Technology Electronic Theatre Controls, Inc.
|
GS74116U-8 GS74116J-10I GS74116TP-12I |
8ns 256K x 16 4Mb asynchronous SRAM 10ns 256K x 16 4Mb asynchronous SRAM 12ns 256K x 16 4Mb asynchronous SRAM
|
GSI Technology
|
N02L63W3AB25I N02L63W3AB5IT N02L63W3A |
2 Mb Ultra-Low Power Asynchronous CMOS SRAM 2 Mb, 3 V Low Power SRAM; Package: BGA; No of Pins: 48; Container: Tape and Reel; Qty per Container: 2500 128K X 16 STANDARD SRAM, 70 ns, PBGA48 2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K ? 16bit
|
ON Semiconductor
|
GS70328TS-8IT GS7032 GS70328SJ GS70328SJ-10 GS7032 |
256K Async SRAMs Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 100uF; Voltage: 25V; Case Size: 8x11.5 mm; Packaging: Bulk 32K x 8 256Kb Asynchronous SRAM 32K的8 256Kb的异步SRAM 32K x 8 256Kb Asynchronous SRAM
|
GSI[GSI Technology] Electronic Theatre Controls, Inc.
|
GS78132B-12I GS78132B GS78132B-10 GS78132B-10I GS7 |
8Mb56K x 32Bit)Asynchronous SRAM(8M位(256K x 32位)异步静态RAM) 8MB的(256 × 32位)异步SRAM00万位56K × 32位)异步静态RAM)的 256K x 32 8Mb Asynchronous SRAM
|
GSI Technology, Inc.
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GS78108B-12 GS78108B-12I GS78108B GS78108B-10 GS78 |
1M x 8 8Mb Asynchronous SRAM 1M X 8 STANDARD SRAM, 15 ns, PBGA119
|
GSI Technology, Inc.
|
R1RP0408DGE-2PI R1RP0408DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword × 8-bit)
|
Renesas Electronics Corporation
|